Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCC0LLK Fiches technique(PDF) 2 Page - Balluff Korea Ltd.

No de pièce BCC0LLK
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0LLK Fiches technique(HTML) 2 Page - Balluff Korea Ltd.

  BCC0LLK Datasheet HTML 1Page - Balluff Korea Ltd. BCC0LLK Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double-Ended Cordsets
BCC S425-S415-3L-386-PX85A5-100
Order Code: BCC0LLK
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 277200
ETIM 6.0: EC001855
BCC0LLK_1_2021-03-01
2 / 2
Remarks
Cable construction acc. to UL-AWM Style 20939
Flame resistance acc. to IEC 60332-1
Flame resistance per IEC 60332-1-2
Flame resistance acc. to UL 1581/1080 VW-1
Halogen-free per DIN VDE 0472 Part 815
Silicone-free
Oil resistant per DIN EN 60811-404 (VDE 0473-811-404)
Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece.
Connector Drawings
I
PIN 1: brown
PIN 2: white
PIN 3: blue
PIN 4: black
PIN 5: pink
II
PIN 1: brown
PIN 2: white
PIN 3: blue
PIN 4: black
PIN 5: pink
Wiring Diagrams



Html Pages

1 2