Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

01ACJ-R05-SW-E22 Fiches technique(PDF) 5 Page - C&K Components

No de pièce 01ACJ-R05-SW-E22
Description  Mini Size Sealed Snap-acting Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

01ACJ-R05-SW-E22 Fiches technique(HTML) 5 Page - C&K Components

  01ACJ-R05-SW-E22 Datasheet HTML 1Page - C&K Components 01ACJ-R05-SW-E22 Datasheet HTML 2Page - C&K Components 01ACJ-R05-SW-E22 Datasheet HTML 3Page - C&K Components 01ACJ-R05-SW-E22 Datasheet HTML 4Page - C&K Components 01ACJ-R05-SW-E22 Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
J
J–14
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
Third Angle
Projection
ZMT Series
Mini Size Sealed Snap-acting Switches
CIRCUITRY
C  SPDT
Y  SPST NO
W  SPST NC
NEW
27 Jan 22



Html Pages

1 2 3 4 5