Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCC0AFM Fiches technique(PDF) 2 Page - Balluff Korea Ltd.

No de pièce BCC0AFM
Description  Y-Splitters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0AFM Fiches technique(HTML) 2 Page - Balluff Korea Ltd.

  BCC0AFM Datasheet HTML 1Page - Balluff Korea Ltd. BCC0AFM Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Y-Splitters
BCC M314-M313-M313-U2024-010
Order Code: BCC0AFM
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 213855
ETIM 6.0: EC001855
BCC0AFM_0.89_2022-07-16
2 / 2
Remarks
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.
Halogen-free per DIN VDE 0472 Part 815
Cable construction acc. to UL-AWM Style 20549
Flame resistance per IEC 60332-2-2
Silicone-free
Connector Drawings
II
II, III
Wiring Diagrams



Html Pages

1 2