| Moteur de recherche de fiches techniques de composants électroniques |
|
IRLL014 Fiches technique(PDF) 7 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
IRLL014 Fiches technique(HTML) 7 Page - Vishay Siliconix |
|
7 / 8 page ![]() Document Number: 91363 www.vishay.com Revision: 15-Sep-08 1 Package Information Vishay Siliconix SOT-223 (HIGH VOLTAGE) Notes 1. Dimensioning and tolerancing per ASME Y14.5M-1994. 2. Dimensions are shown in millimeters (inches). 3. Dimension do not include mold flash. 4. Outline conforms to JEDEC outline TO-261AA. D B 3 B1 0.10 (0.004) M C M H 0.10 (0.004) M C B M 0.20 (0.008) M C A M 0.10 (0.004) M C B M 3 x B e1 e 1 2 3 A E 4 C A 0.08 (0.003) θ 4 x L L1 4 x C 3 MILLIMETERS INCHES DIM. MIN. MAX. MIN. MAX. A 1.55 1.80 0.061 0.071 B 0.65 0.85 0.026 0.033 B1 2.95 3.15 0.116 0.124 C 0.25 0.35 0.010 0.014 D 6.30 6.70 0.248 0.264 E 3.30 3.70 0.130 0.146 e 2.30 BSC 0.0905 BSC e1 4.60 BSC 0.181 BSC H 6.71 7.29 0.264 0.287 L 0.91 - 0.036 - L1 0.061 BSC 0.0024 BSC θ - 10' - 10' ECN: S-82109-Rev. A, 15-Sep-08 DWG: 5969 |