Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FODM1007V Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce FODM1007V
Description  Single Channel, DC Sensing Input, Phototransistor Optocoupler In Stretched Body SOP 4-Pin
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FODM1007V Fiches technique(HTML) 7 Page - ON Semiconductor

  FODM1007V Datasheet HTML 1Page - ON Semiconductor FODM1007V Datasheet HTML 2Page - ON Semiconductor FODM1007V Datasheet HTML 3Page - ON Semiconductor FODM1007V Datasheet HTML 4Page - ON Semiconductor FODM1007V Datasheet HTML 5Page - ON Semiconductor FODM1007V Datasheet HTML 6Page - ON Semiconductor FODM1007V Datasheet HTML 7Page - ON Semiconductor FODM1007V Datasheet HTML 8Page - ON Semiconductor FODM1007V Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FODM100x Series
www.onsemi.com
7
ORDERING INFORMATION
Part Number
Package
Shipping†
FODM1007
Stretched Body SOP 4−Pin
100 Units / Tube
FODM1007R2
Stretched Body SOP 4−Pin
3000 / Tape & Reel
FODM1007V
Stretched Body SOP 4−Pin,
DIN EN/IEC60747−5−5 Option
100 Units / Tube
FODM1007R2V
Stretched Body SOP 4−Pin,
DIN EN/IEC60747−5−5 Option
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
NOTE: The product orderable part number system listed in this table also applies to the FODM1008, FODM1009 products.



Html Pages

1 2 3 4 5 6 7 8 9