| Moteur de recherche de fiches techniques de composants électroniques |
|
CD10RL1AK-R Fiches technique(PDF) 1 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
CD10RL1AK-R Fiches technique(HTML) 1 Page - C&K Components |
|
1 / 4 page ![]() Dimensions are shown in inch (mm ) Dimensions subject to change www.ittcannon.com H-22 H How To Order Our easy Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete list- ing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box. . C&K CD Series 8mm DIP Coded Rotary Switches Features/Benefits • Process sealed – withstands soldering and cleaning • Thru-hole and surface mount models • Compact size saves space – 36% smaller than traditional 10mm DIP • Crisp, positive detent ensures actuation CD K Switch Function CD08R 8 position, BCD CD08C 8 position, BCD complement CD10R 10 position, BCD CD10C 10 position, BCD complement CD16R 16 position, Hexadecimal CD16C 16 position, Hexadecimal complement Actuator M0 (STD.) Flush, screwdriver slot L1 Extended, screwdriver slot K1 Knob Terminations A Right Angle, PC Thru-hole C PC Thru-hole S Surface Mount Contact Material K (STD.) Gold Packaging NONE Tube R Tape & Reel (MO actuator only) Typical Applications • Address switching applications • Data storage devices • Computer and peripherals • Instrumentation Specifications CONTACT RATING: 0.4 VA max. @ 20 V AC or V DC max. MECHANICAL AND ELECTRICAL LIFE: CD10 & CD16: 20,000 actuations. CD08: 12,000 actuations. CONTACT RESISTANCE: 50 milliohms max. initial. INSULATION RESISTANCE: 100 megohms min. @ 250 V AC min. DIELECTRIC STRENGTH: 250 V RMS min. @ sea level. OPERATING TEMPERATURE: -25°C to 85°C. STORAGE TEMPERATURE: -40°C to 85°C. SOLDERABILITY: Per MIL-STD-202F method 208D or EIA RS- 186E, method 9 (1 hour steam aging). PACKAGING: Switches supplied in rigid tubes in full-tube quanti- ties only: this may affect order quantity. Surface mount switches available in tape & reel packaging per EIA 481A, 800 per reel, “M0” actuator only. Materials COVER & BASE: Glass filled nylon, flame retardant (UL 94V-0). ACTUATOR: LCP (UL 94V-0), internal o-ring seal standard with all actuators. KNOB: Glass filled nylon, flame retardant (UL 94V-0). MOVABLE CONTACTS: Copper alloy with gold plate over nickel plate. STATIONARY CONTACTS: Copper alloy with gold plate over nickel plate. TERMINALS: Copper alloy with tin-lead alloy over nickel plate. All terminals are insert molded. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. |
Numéro de pièce similaire - CD10RL1AK-R |
|
Description similaire - CD10RL1AK-R |