| Moteur de recherche de fiches techniques de composants électroniques |
|
BD Fiches technique(PDF) 3 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
BD Fiches technique(HTML) 3 Page - C&K Components |
|
3 / 3 page ![]() Open Base & AV2 Right Angle Terminal Style BD08AV2 PC MOUNTING SPST NOTE: Boxed dimensions show difference between AV & AV2 terminal styles. Standard Profile DIP Switches BD Series D D-14 C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846 Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602 S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926 PART NUMBER NO. POS. DIM. ‘A’ QUANTITY PER TUBE BD02AV2 2 .280 (7,11) 72 BD03AV2 3 .380 (9,65) 52 BD04AV2 4 .480 (12,19) 42 BD05AV2 5 .580 (14,73) 35 BD06AV2 6 .680 (17,27) 29 BD07AV2 7 .780 (19,81) 26 BD08AV2 8 .880 (22,35) 23 BD09AV2 9 .980 (24,89) 20 BD10AV2 10 1.080 (27,43) 18 BD12AV2 12 1.280 (32,51) 15 Schematic SPST Installation, Soldering and Cleaning All BD Series Standard Profile DIP Switches can be hand soldered or machine soldered without the use of boots, caps, tapes or special attention. Open base washable models have unique design, allowing solvent cleaners and water/detergent solutions to flush and clean the electrical contacts of contaminants and fluxes. Closed base models with epoxy terminal sealing recommended for no-wash or bottom-wash assembly methods only. For best results, follow these recommendations: 1) Wave soldering recommended at 500 _ F solder temperature. 2) Hand solder using 30 watt small tip iron controlled at 500 _ F, 10 seconds max./terminal. 3) Open base washable models: Clean flux using forced rinse, high agitation or triple bath cleaning method. DO NOT mask or cover switch in any way during cleaning. Switch is designed for easy solvent flush out. 4) Closed base models with epoxy terminal seal: Recommended for no-wash or bottom-wash assembly methods only. 5) All switch actuators must be in ‘OFF’ position during soldering and cleaning processes. Rev. A 8/99 |