| Moteur de recherche de fiches techniques de composants électroniques |
|
BAT54CS3 Fiches technique(PDF) 1 Page - Cystech Electonics Corp. |
|
|
|||||||||||||||||||||||||||||
BAT54CS3 Fiches technique(HTML) 1 Page - Cystech Electonics Corp. |
|
1 / 4 page ![]() CYStech Electronics Corp. Spec. No. : C302S3-H Issued Date : 2004.04.13 Revised Date : Page No. : 1/4 BAT54S3/BAT54AS3/BAT54CS3/BAT54SS3 CYStek Product Specification Small Signal Schottky (double) diodes BAT54S3/BAT54AS3 BAT54CS3/BAT54SS3 Description Planar silicon Schottky barrier diodes encapsulated in a SOT-323 very small plastic SMD package. Single diodes and double diodes with different pinning are available. Features •Guard ring protected •Low forward voltage drop •Very small plastic SMD package Applications •Ultra high-speed switching •Voltage clamping •Protection circuits •Blocking diodes Pinning Outline Description Pin BAT54 BAT54A BAT54C BAT54S 1 A K1 A1 A1 2 NC K2 A2 K2 3 K A1,A2 K1,K2 K1,A1 2 3 1 N.C. 12 3 1 2 3 3 2 1 SOT-323 1 2 3 (1) BAT54 (3)BAT54C (2)BAT54A (4)BAT54S Diode configuration and symbol Marking: Type Marking Code BAT54 S3 L4 BAT54AS3 42 BAT54CS3 43 BAT54SS3 44 |
Numéro de pièce similaire - BAT54CS3 |
|
Description similaire - BAT54CS3 |