| Moteur de recherche de fiches techniques de composants électroniques |
|
LP200 Fiches technique(PDF) 1 Page - Analog Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
LP200 Fiches technique(HTML) 1 Page - Analog Technologies, Inc. |
|
1 / 4 page ![]() 2352 Walsh Ave. Santa Clara, CA 95051. U. S. A. Tel.: (408) 748-9100, Fax: (408) 748-9111 www.analogtechnologies.com Copyrights 2000 – 2013, Analog Technologies, Inc. All Rights Reserved. Updated on 1/17/2013 1 Analog Technologies LP-200 Vacuum Sucking Pen Figure 1. The Photo of Actual LP-200 Figure 2. The Photo of Actual LP-200 Figure 3. The Photo of Actual Probes FEATURES ESD safe Low cost Light weight Small volume Strong suction APPLICATIONS It’s widely used in SMT parts, metal parts, plastic parts or any item having a smooth and nonporous surface that the rubber vacuum tweezer tip can seal against. DESCRIPTION The LP-200 is a static safe vacuum PICK-UP kit. The kit includes the tool as well as the 3 different angled lifting needles with 3 sizes of high temperature, static safe suction cups. Use the larger cups to pick up larger and heavier parts. Cup is made of anti-static material and free of silicone. There is no damage and pollution to the product. It is especially convenient to drain electronic components and small product. OPERATION Select a tip with a rubber vacuum cup on a probe that is slightly smaller than the part you want to pick and place. Put the probe snugly on the tip of the LP-200 tool. Make sure that there is no dust on the rubber vacuum tip. Note: Our larger rubber vacuum cups can be placed directly on the LP-200 tip without using a probe. Gently squeezing vacuum pen manual button parts, place the soft suction cup squarely on the pick and place part, and then relax your squeeze. The part is now firmly gripped. Move the part to where you need it and a second squeeze of the bulb releases the part. Figure 4. The Photo of Actual Cups |
Numéro de pièce similaire - LP200 |
|
Description similaire - LP200 |