| Moteur de recherche de fiches techniques de composants électroniques |
|
ATAS80-I Fiches technique(PDF) 5 Page - Analog Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
ATAS80-I Fiches technique(HTML) 5 Page - Analog Technologies, Inc. |
|
5 / 7 page ![]() 1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 748-9111 www.analogtechnologies.com Copyrights 2000-2018, Analog Technologies, Inc. All Rights Reserved. Updated on 3/22/2018 www.analogti.com 5 Analog Technologies ATAS80 Auto Iron D. Sleep temperature setting 1. press ‘*’ button three times to enter into ‘sleep temperature setting’ 2. press ‘#’ to confirm 3. press ‘▲’ ‘▼’ to set sleep temperature E. Sleep time setting 1. press ‘*’ button four times to enter into ‘sleep time setting’ 2. press ‘#’ to confirm 3. press ‘▲’ ‘▼’ to set the required value 4. press ‘#’ to confirm Note: If you will not be using your soldering unit for a while, remember to put the soldering handle into the handle holder. When the unit reaches the pre-set sleep time, the tip-temperature will fall automatically to the “sleep temperature” you had chosen. When you are again ready to work, just pick up the soldering handle from the iron holder. The main power unit will wake up and enter into your working status mode, once again heating the tip. TROUBLE SHOOTING Table 3. SOLDERING TIP SPECIFICATION CHART Table 4. Soldering Tips Product model Reference diagram Front view Product model Reference diagram Front view ATAS80-B ATAS80-3CC PHENOMENA TROUBLE CAUSES SOLUTIONS Display ‘E01’ Heating core short circuited Replace a new heating core Connector of soldering handle short circuited Replace a new soldering handle Display ‘E02’ Heating core loose from handle Re-Insert heating core into handle Handle loose from main machine Re-Insert handle into main machine Sensor of heating core open circuited Replace a new heating core Display ‘E03’ Sensor of heating core short circuited Replace a new heating core Connector of handle wire short circuited Replace a new handle |