| Moteur de recherche de fiches techniques de composants électroniques |
|
25CSM04T-I/CS0668 Fiches technique(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
25CSM04T-I/CS0668 Fiches technique(HTML) 47 Page - Microchip Technology |
|
47 / 55 page ![]() 2019-2022 Microchip Technology Inc. and its subsidiares DS20005817D-page 47 25CSM04 RECOMMENDED LAND PATTERN For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: Y2 SILK SCREEN Y1 C X2 X1 Dimension Limits Units C Optional Center Pad Width Contact Pad Spacing Optional Center Pad Length Contact Pitch Y2 X2 4.10 3.50 MILLIMETERS 1.27 BSC MIN E MAX 5.70 Contact Pad Length (X8) Contact Pad Width (X8) Y1 X1 1.10 0.45 BSC: Basic Dimension. Theoretically exact value shown without tolerances. Notes: 1. Dimensioning and tolerancing per ASME Y14.5M Microchip Technology Drawing C04-2210A NOM 8-Lead Plastic Very, Very Thin Small Outline No-Lead (MF) - 5x6 mm Body [TDFN-S] E |