Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

25CSM04 Fiches technique(PDF) 50 Page - Microchip Technology

No de pièce 25CSM04
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04 Fiches technique(HTML) 50 Page - Microchip Technology

Back Button 25CSM04 Datasheet HTML 46Page - Microchip Technology 25CSM04 Datasheet HTML 47Page - Microchip Technology 25CSM04 Datasheet HTML 48Page - Microchip Technology 25CSM04 Datasheet HTML 49Page - Microchip Technology 25CSM04 Datasheet HTML 50Page - Microchip Technology 25CSM04 Datasheet HTML 51Page - Microchip Technology 25CSM04 Datasheet HTML 52Page - Microchip Technology 25CSM04 Datasheet HTML 53Page - Microchip Technology 25CSM04 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
25CSM04
DS20005817D-page 50
 2019-2022 Microchip Technology Inc. and its subsidiares
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C2
Contact Pitch
Contact Pad Spacing
Contact Pitch
Contact Pitch
E3
E2
MILLIMETERS
0.50 BSC
MIN
E1
MAX
Contact Pad Diameter (X8)
X1
0.17
NOM
E4
Contact Pitch
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-23241 Rev B
C1
C2
E1
E1
E2
E3
E2
E4
ØX
SILK SCREEN
C1
Contact Pad Spacing
0.20 BSC
1.00 BSC
1.10 BSC
2.10 BSC
1.40 BSC
8-Ball Wafer Level Chip Scale Package (CS) - [WLCSP]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55