Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6711 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce L6711
Description  3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 7Page - STMicroelectronics L6711 Datasheet HTML 8Page - STMicroelectronics L6711 Datasheet HTML 9Page - STMicroelectronics L6711 Datasheet HTML 10Page - STMicroelectronics L6711 Datasheet HTML 11Page - STMicroelectronics L6711 Datasheet HTML 12Page - STMicroelectronics L6711 Datasheet HTML 13Page - STMicroelectronics L6711 Datasheet HTML 14Page - STMicroelectronics L6711 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
11/38
L6711
Figure 4. PRINCIPLE SCHEMATIC 1 Low Side Mosfet Current Sense
FBR
FBG
L1
45
46
47
BOOT1
UGATE1
PHASE1
LGATE1
2
PGND1
3
CS1-
14
CS1+
15
Rg
Rg
HS1
LS1
L2
44
43
42
BOOT2
UGATE2
PHASE2
LGATE2
40
PGND2
39
CS2-
16
CS2+
17
Rg
Rg
HS2
LS2
L3
34
33
32
BOOT3
UGATE3
PHASE3
LGATE3
36
PGND3
35
CS3-
18
CS3+
19
Rg
Rg
HS3
LS3
SS_END
30
COUT
Vcc_core
LOAD
12
11
N.C.
N.C.
48
37
VSEN
10
FB
8
RFB
COMP
7
RF
CF
OUTEN
13
VID4
28
VID3
27
VID2
26
VID1
25
VID0
24
VID_SEL
29
VID5
23
OUTEN
VID4
VID3
VID2
VID1
VID0
VID_SEL
VID5
OVP
9
CS_SEL
21
TC
20
OFFSET
6
OSC/FAULT
22
VCC
4
SGND
5,31
VCCDR3
38
VCCDR2
41
VCCDR1
1
LIN
SS_END
VIN
GNDIN
CIN
L6711 REF. SCH. (MOSFET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38