Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC2652PSIP Fiches technique(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
No de pièce CC2652PSIP
Description  CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC2652PSIP Fiches technique(HTML) 60 Page - Texas Instruments

Back Button CC2652PSIP Datasheet HTML 56Page - Texas Instruments CC2652PSIP Datasheet HTML 57Page - Texas Instruments CC2652PSIP Datasheet HTML 58Page - Texas Instruments CC2652PSIP Datasheet HTML 59Page - Texas Instruments CC2652PSIP Datasheet HTML 60Page - Texas Instruments CC2652PSIP Datasheet HTML 61Page - Texas Instruments CC2652PSIP Datasheet HTML 62Page - Texas Instruments CC2652PSIP Datasheet HTML 63Page - Texas Instruments CC2652PSIP Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
software is an energy-based code analysis tool that measures and displays the application’s
energy profile and helps to optimize it for ultra-low-power consumption.
Software
SimpleLink™
CC13XX-
CC26XX SDK
The SimpleLink CC13XX-CC26XX Software Development Kit (SDK) provides a complete
package for the development of wireless applications on the CC13X2 / CC26X2 family of
devices. The SDK includes a comprehensive software package for the CC2652PSIP device,
including the following protocol stacks:
• Bluetooth Low Energy 4 and 5.2
• Thread (based on OpenThread)
• Zigbee 3.0
• TI 15.4-Stack - an IEEE 802.15.4-based star networking solution for Sub-1 GHz and
2.4 GHz
• EasyLink - a large set of building blocks for building proprietary RF software stacks
• Multiprotocol support - concurrent operation between stacks using the Dynamic
Multiprotocol Manager (DMM)
The SimpleLink CC13XX-CC26XX SDK is part of TI’s SimpleLink MCU platform, offering a
single development environment that delivers flexible hardware, software and tool options
for customers developing wired and wireless applications. For more information about the
SimpleLink MCU Platform, visit http://www.ti.com/simplelink.
CC2652PSIP
SWRS263A – FEBRUARY 2021 – REVISED JUNE 2022
www.ti.com
60
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2652PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72