Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM6821 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADM6821
Description  Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM6821 Fiches technique(HTML) 7 Page - Analog Devices

  ADM6821 Datasheet HTML 1Page - Analog Devices ADM6821 Datasheet HTML 2Page - Analog Devices ADM6821 Datasheet HTML 3Page - Analog Devices ADM6821 Datasheet HTML 4Page - Analog Devices ADM6821 Datasheet HTML 5Page - Analog Devices ADM6821 Datasheet HTML 6Page - Analog Devices ADM6821 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Preliminary Technical Data
ADM6821–ADM6825
Rev. PrA | Page 7 of 7
OUTLINE DIMENSIONS
PIN 1
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
1
3
4
5
2
0.22
0.08
10
5
0
0.50
0.3

0.15 MAX
SEATING
PLANE
1.45 MAX
1.30
1.15
0.90
2.90 BSC
0.
$
0.45
0.3

COMPLIANT TO JEDEC STANDARDS MO-178AA
Figure 1. 5-Lead Small Outline Transistor Package [SOT-23]
(RT-5)
Dimensions shown in millimeters
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective companies.
Printed in the U.S.A.
PR04535-0-2/04(PrA)



Html Pages

1 2 3 4 5 6 7