Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCC02ZN Fiches technique(PDF) 2 Page - Balluff Korea Ltd.

No de pièce BCC02ZN
Description  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC02ZN Fiches technique(HTML) 2 Page - Balluff Korea Ltd.

  BCC02ZN Datasheet HTML 1Page - Balluff Korea Ltd. BCC02ZN Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Single-Ended Cordsets
BCC M413-0000-2A-037-PS0334-020
Order Code: BCC02ZN
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 165290
ETIM 6.0: EC001855
BCC02ZN_0.76_2022-07-16
2 / 2
Remarks
Cable construction acc. to UL-AWM Style 20549
Halogen-free per DIN VDE 0472 Part 815
Silicone-free
Flame resistance per UL FT2
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.
Connector Drawings
PIN 1: brown
PIN 2: black
PIN 3: blue
Wiring Diagrams
1) Shield on cover nut



Html Pages

1 2