| Moteur de recherche de fiches techniques de composants électroniques |
|
B0520WS Fiches technique(PDF) 1 Page - AiT Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
B0520WS Fiches technique(HTML) 1 Page - AiT Semiconductor Inc. |
|
1 / 4 page ![]() AiT Semiconductor Inc. www.ait-ic.com B0520WS~B0540WS SCHOTTKY DIODES SCHOTTKY BARRIER DIODES REV1.0 - MAR 2015 RELEASED - - 1 - DESCRIPTION FEATURES The B0520WS~B0540WS are available in SOD-323 package Low Forward Voltage Drop Guard Ring Construction For Transient Protection. Negligible Reverse Recovery Time. Low Reverse Capacitance. Available in SOD-323 package ORDERING INFORMATION Package Type Part Number SOD-323 B0520WS B0530WS B0540WS Note SPQ:3,000pcs/Reel AiT provides all RoHS Compliant Products APPLICATIONS Schotty barrier switching. PIN DESCRIPTION |
Numéro de pièce similaire - B0520WS |
|
Description similaire - B0520WS |