Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

856066 Fiches technique(PDF) 2 Page - TriQuint Semiconductor

No de pièce 856066
Description  140 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIQUINT [TriQuint Semiconductor]
Site Internet  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856066 Fiches technique(HTML) 2 Page - TriQuint Semiconductor

  856066 Datasheet HTML 1Page - TriQuint Semiconductor 856066 Datasheet HTML 2Page - TriQuint Semiconductor 856066 Datasheet HTML 3Page - TriQuint Semiconductor 856066 Datasheet HTML 4Page - TriQuint Semiconductor 856066 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Data Sheet
Part Number 856066
140 MHz SAW Filter
Subject to change or obsolescence without notice
Rev A
11-Jul-2002
Page 2 of 5
Electrical Specifications (1)
Operating Temperature Range: (2)
0 to +70 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
140
-
MHz
Minimum Insertion Loss
-
23
24.5
dB
Lower 1 dB Bandedge (4)
Upper 1 dB Bandedge
-
142.72
137.1
142.9
137.28
-
MHz
MHz
Lower 3 dB Bandedge (4)
Upper 3 dB Bandedge
-
143
136.9
143.1
137
-
MHz
MHz
Lower 40 dB Bandedge (4)
Upper 40 dB Bandedge
135.83
-
136
144
-
144.17
MHz
MHz
Amplitude Variation
137.28 - 142.72 MHz
-
0.5
0.9
dB
Phase Linearity
137.28 - 142.72 MHz
-
2.0
3.0
deg
Group Delay Variation
137.28 - 142.72 MHz
-
45
70
nsec
Absolute Delay
-
1.6
-
µsec
Relative Attenuation (4)
15 - 135 MHz
145 - 350 MHz
50
50
60
60
-
-
dB
dB
Source Impedance (5)
-
50
-
Load Impedance (5)
-
50
-
Substrate Material
-
LiTaO3
-
-
Temperature Coefficient of Frequency
-
-23
-
ppm/oC
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
All attenuation measurements are measured relative to minimum insertion loss
5.
This is the optimum impedance in order to achieve the performance shown
Test Circuit:
Actual matching values may vary due to PCB layout and parasitics
50
Single-ended
1,2,3,4,6,7,8,9
50
36pF
10
5
12nH
50
47nH
47pF



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com