Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

856056 Fiches technique(PDF) 2 Page - TriQuint Semiconductor

No de pièce 856056
Description  1880 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIQUINT [TriQuint Semiconductor]
Site Internet  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856056 Fiches technique(HTML) 2 Page - TriQuint Semiconductor

  856056 Datasheet HTML 1Page - TriQuint Semiconductor 856056 Datasheet HTML 2Page - TriQuint Semiconductor 856056 Datasheet HTML 3Page - TriQuint Semiconductor 856056 Datasheet HTML 4Page - TriQuint Semiconductor 856056 Datasheet HTML 5Page - TriQuint Semiconductor 856056 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary Data Sheet
Part Number 856056
1880 MHz SAW Filter
Subject to change or obsolescence without notice
Rev D
04-Sep-2002
Page 2 of 6
Electrical Specifications (1)
Operating Temperature Range: (2)
-20 to +70 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
1880
-
MHz
Maximum Insertion Loss
1850 - 1910 MHz
-
2.5
4
dB
In Band Ripple
1850 - 1910 MHz
-
1.2
2.7
dB p-p
Absolute Attenuation
DC - 1660 MHz
1660 - 1721 MHz
1721 - 1800 MHz
1930 - 1990 MHz
1930 - 1990 MHz
(+10 to +55 oC)
1990 - 2000 MHz
2000 - 2250 MHz
2250 - 2480 MHz
3700 - 3820 MHz
20
20
24
17
24
20
22
20
30
22
23
27
27
27
25
24
23
33
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
dB
Input/Output Return Loss
1850 - 1910 MHz
8.0
9.5
-
dB
Source Impedance (4)
-
50
-
Load Impedance (4)
-
50
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
This is the optimum impedance in order to achieve the performance shown
Test Circuit:
50
Single-ended
2,4
1
3
50
50
No impedance matching
required



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com