| Moteur de recherche de fiches techniques de composants électroniques |
|
XGS Fiches technique(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
XGS Fiches technique(HTML) 3 Page - ON Semiconductor |
|
3 / 53 page ![]() XGS Family www.onsemi.com 3 GENERAL DESCRIPTION The XGS family from ON Semiconductor covers three resolutions: 12.6 Mp, 9.4 Mp and 8.8 Mp and three speed grades (24, 12 or 6 HiSPi lanes). Refer to Table 2 for an overview of the available combinations of resolution and speed. Various operating modes enable flexible sensor operation to meet application specific requirements such as reduced data rate implemented by HiSPi lane multiplexing. FUNCTIONAL OVERVIEW The XGS family features global shutter technology for accurate capture of moving objects. Global shutter requires all pixels to simultaneously integrate light although the subsequent readout is sequential. Note that integration and readout can occur in parallel; while reading out one frame, integration of the next frame can start (i.e. pipelined operation). The core of the sensor is the 12.6 Mp active pixel array. Figure 1 gives an overview of the major functional blocks of the XGS sensor. 1 clock lane 1, 2, 3 or 4 data lanes 1 clock lane 1, 2, 3 or 4 data lanes PIXEL ARRAY (4096 x 3072) COLUMN STRUCTURE (GR and GB) COLUMN ADC (GR and GB) DIGITAL GAIN / DATA PEDESTAL COLUMN STRUCTURE (R and B) COLUMN ADC (R and B) DIGITAL GAIN / DATA PEDESTAL HiSPi HiSPi HiSPi DIGITAL MUX DIGITAL MUX DIGITAL MUX DIGITAL MUX DIGITAL MUX DIGITAL MUX HiSPi HiSPi HiSPi MONITOR_[2:0] SEQUENCER TRIG_INT TRIG_RD RESET_N BIAS I2C/SPI DECODER PLL EXTCLK Figure 1. Functional Block Diagram (XGS 12000) I2C/SPI |