Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5441APGF Fiches technique(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC5441APGF
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441APGF Fiches technique(HTML) 45 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 41Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 42Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 43Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 44Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 45Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 46Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 47Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 48Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
Functional Overview
36
December 1999 – Revised April 2002
SPRS122E
3.2.5.1
Watchdog Timer Registers
There are four 16-bit registers associated with the watchdog timer.
•
WD Timer Counter Register (WDTIM)
•
WD Timer Period Register (WDPRD)
•
WD Timer Control Register (WDTCR)
•
WD Timer Second Control Register (WDTSCR)
3.2.5.2
WDTIM Register
This register contains the 16-bit watchdog counter value. It is decremented once every watchdog clock cycle.
3.2.5.3
WDPRD Register
This register is used to reload the WD timer counter register (WDTIM).
3.2.5.4
WDTCR Register
This register provides the control and status information. WDTCR bit fields are as shown in Figure 3–23 and
are described in Table 3–12.
15
14
13
12
11
10
98
7
6
5
43210
Reserved
SOFT
FREE
PSC
Reserved
TDDR
R/W+0
R/W+0
R
R/W+1111
LEGEND: R = Read, W = Write, +0 = Value at reset
Figure 3–23. Watchdog Timer Control Register (WDTCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86