Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC5441 Fiches technique(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC5441
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5441 Fiches technique(HTML) 13 Page - Texas Instruments

Back Button TMS320VC5441 Datasheet HTML 9Page - Texas Instruments TMS320VC5441 Datasheet HTML 10Page - Texas Instruments TMS320VC5441 Datasheet HTML 11Page - Texas Instruments TMS320VC5441 Datasheet HTML 12Page - Texas Instruments TMS320VC5441 Datasheet HTML 13Page - Texas Instruments TMS320VC5441 Datasheet HTML 14Page - Texas Instruments TMS320VC5441 Datasheet HTML 15Page - Texas Instruments TMS320VC5441 Datasheet HTML 16Page - Texas Instruments TMS320VC5441 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
Introduction
4
December 1999 – Revised April 2002
SPRS122E
Table 2–1.
Pin Assignments for TMS320VC5441GGU (169-Ball BGA Package)†
BALL #
SIGNAL NAME
BALL #
SIGNAL NAME
BALL #
SIGNAL NAME
BALL #
SIGNAL NAME
A1
HA[0]/HCNTL0
A2
DVDD
A3
VSS
A4
B_BDR0
A5
CVDD
A6
VSS
A7
DVDD
A8
VSS
A9
CVDD
A10
D_BDR0
A11
VSS
A12
DVDD
A13
D_BFSX0
B1
HA[1]/HCNTL1
B2
B_BFSX0
B3
B_BFSR0
B4
B_BDX0
B5
CVDD
B6
HD[7]
B7
HD[3]
B8
HD[0]
B9
CVDD
B10
D_GPIO0/D_XF
B11
D_BDX0
B12
D_BFSR0
B13
HA[18]
C1
VSS
C2
HA[3]/B_HINT
C3
B_GPIO1/B_BIO
C4
B_GPIO0/B_XF
C5
CVDD
C6
B_BCLKR0
C7
HD[4]
C8
D_GPIO3/D_TOUT
C9
CVDD
C10
D_BCLKX0
C11
HA[17]
C12
HA[15]
C13
VSS
D1
CLKMD
D2
B_NMI
D3
B_RS
D4
HA[4]/C_HINT
D5
CVDD
D6
B_BCLKX0
D7
HD[5]
D8
D_GPIO1/D_BIO
D9
CVDD
D10
D_BCLKR0
D11
D_RS
D12
D_INT
D13
TRST
E1
DVDD
E2
TESTB
E3
TDI
E4
B_INT
E5
HA[2]/A_HINT
E6
B_GPIO3/B_TOUT
E7
HD[6]
E8
HD[1]
E9
D_GPIO2/D_WTOUT
E10
TESTD
E11
TMS
E12
TCK
E13
DVDD
F1
VSSA
F2
VSS
F3
HCS
F4
HAS
F5
CLKIN
F6
B_GPIO2/B_WTOUT
F7
HD[2]
F8
HA[16]
F9
D_NMI
F10
EMU1/OFF
F11
HPI_SEL2
F12
HPI_SEL1
F13
VSS
G1
VCCA
G2
CVDD
G3
EMU0
G4
BCLKR2
G5
BCLKX2
G6
HRDY
G7
BDR1
G8
HMODE
G9
HDS2
G10
C_NMI
G11
RESET
G12
HR/W
G13
CVDD
H1
VSS
H2
BFSR2
H3
BFSX2
H4
CLKOUT
H5
A_INT
H6
HA[7]
H7
HD[9]
H8
C_GPIO1/C_BIO
H9
BCLKX1
H10
BCLKR1
H11
BFSR1
H12
BFSX1
H13
VSS
J1
DVDD
J2
BDR2
J3
BDX2
J4
A_RS
J5
A_GPIO1/A_BIO
J6
HD[8]
J7
HD[13]
J8
C_BCLKR0
J9
HA[11]
J10
C_INT
J11
C_RS
J12
BDX1
J13
DVDD
K1
VSS
K2
A_NMI
K3
TDO
K4
A_GPIO3/A_TOUT
K5
CVDD
K6
A_GPIO2/A_WTOUT
K7
HD[12]
K8
C_BCLKX0
K9
CVDD
K10
HA[13]
K11
HA[14]
K12
TESTC
K13
HDS1
L1
HA[5]/D_HINT
L2
HA[6]
L3
HA[8]
L4
A_GPIO0/A_XF
L5
CVDD
L6
A_BCLKR0
L7
HD[11]
L8
HD[15]
L9
CVDD
L10
C_GPIO0/C_XF
L11
C_GPIO2/C_WTOUT
L12
HA[12]
L13
VSS
M1
VSS
M2
HA[9]
M3
A_BFSR0
M4
A_BDR0
M5
CVDD
M6
A_BCLKX0
M7
HD[10]
M8
HD[14]
M9
CVDD
M10
C_GPIO3/C_TOUT
M11
C_BDX0
M12
C_BFSR0
M13
HA[10]
N1
A_BFSX0
N2
DVDD
N3
VSS
N4
A_BDX0
N5
CVDD
N6
VSS
N7
DVDD
N8
VSS
N9
CVDD
N10
C_BDR0
N11
VSS
N12
DVDD
N13
C_BFSX0
† Cells highlighted in gray indicate pins that perform a multiplexed function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86