Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TZX Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce TZX
Description  Small Signal Zener Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZX Fiches technique(HTML) 3 Page - Vishay Siliconix

  TZX Datasheet HTML 1Page - Vishay Siliconix TZX Datasheet HTML 2Page - Vishay Siliconix TZX Datasheet HTML 3Page - Vishay Siliconix TZX Datasheet HTML 4Page - Vishay Siliconix TZX Datasheet HTML 5Page - Vishay Siliconix TZX Datasheet HTML 6Page - Vishay Siliconix TZX Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TZX-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 25-Nov-2021
3
Document Number: 85614
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TZX7V5A
7
7.3
5
1
5
30
6.65
15
TZX7V5B
7.2
7.6
5
1
5
30
6.84
15
TZX7V5C
7.3
7.7
5
1
5
30
6.94
15
TZX7V5D
7.5
7.9
5
1
5
30
7.13
15
TZX7V5X
7.07
7.45
5
1
5
30
6.72
15
TZX8V2A
7.7
8.1
5
1
6.2
0.1
7.32
20
TZX8V2B
7.9
8.3
5
1
6.2
0.1
7.5
20
TZX8V2C
8.1
8.5
5
1
6.2
0.1
7.7
20
TZX8V2D
8.3
8.7
5
1
6.2
0.1
7.98
20
TZX9V1A
8.5
8.9
5
1
6.8
0.04
8.08
20
TZX9V1B
8.7
9.1
5
1
6.8
0.04
8.27
20
TZX9V1C
8.9
9.3
5
1
6.8
0.04
8.46
20
TZX9V1D
9.1
9.5
5
1
6.8
0.04
8.65
20
TZX9V1E
9.3
9.7
5
1
6.8
0.04
8.84
20
TZX10A
9.5
9.9
5
1
7.5
0.04
9.03
25
TZX10B
9.7
10.1
5
1
7.5
0.04
9.22
25
TZX10C
9.9
10.3
5
1
7.5
0.04
9.41
25
TZX10D
10.2
10.6
5
1
7.5
0.04
9.69
25
TZX11A
10.4
10.8
5
1
8.2
0.04
9.88
25
TZX11B
10.7
11.1
5
1
8.2
0.04
10.2
25
TZX11C
10.9
11.3
5
1
8.2
0.04
10.4
25
TZX11D
11.1
11.6
5
1
8.2
0.04
10.5
25
TZX12A
11.4
11.9
5
1
9.5
0.04
10.8
35
TZX12B
11.6
12.1
5
1
9.5
0.04
11
35
TZX12C
11.9
12.4
5
1
9.5
0.04
11.3
35
TZX12D
12.2
12.7
5
1
9.5
0.04
11.6
35
TZX12X
11.44
12.03
5
1
9.5
0.04
10.9
35
TZX13A
12.4
12.9
5
1
10
0.04
11.8
35
TZX13B
12.6
13.1
5
1
10
0.04
12
35
TZX13C
12.9
13.4
5
1
10
0.04
12.3
35
TZX14A
13.2
13.7
5
1
11
0.04
12.5
35
TZX14B
13.5
14
5
1
11
0.04
12.8
35
TZX14C
13.8
14.3
5
1
11
0.04
13.1
35
TZX15A
14.1
14.7
5
1
11.5
0.04
13.4
40
TZX15B
14.5
15.1
5
1
11.5
0.04
13.8
40
TZX15C
14.9
15.5
5
1
11.5
0.04
14.2
40
TZX15X
14.35
15.09
5
1
11.5
0.04
13.6
40
TZX16A
15.3
15.9
5
1
12
0.04
14.5
45
TZX16B
15.7
16.5
5
1
12
0.04
14.9
45
TZX16C
16.3
17.1
5
1
12
0.04
15.5
45
TZX18A
16.9
17.7
5
1
13
0.04
16.1
55
TZX18B
17.5
18.3
5
1
13
0.04
16.6
55
TZX18C
18.1
19
5
1
13
0.04
17.2
55
TZX20A
18.8
19.7
2
1
15
0.04
17.9
60
TZX20B
19.5
20.4
2
1
15
0.04
18.5
60
TZX20C
20.2
21.2
2
1
15
0.04
19.2
60
TZX22A
20.9
21.9
2
1
17
0.04
19.9
65
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE
TEST CURRENT
REVERSE LEAKAGE CURRENT
DYNAMIC
RESISTANCE
VZ at IZT1
IZT1
IR at VR
IR at VR (1)
ZZ at IZT1
V
mA
μA
V
μA
V
Ω
MIN.
MAX.
MAX.
MAX.
MAX.



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com