Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZMA-150L30EC Fiches technique(PDF) 4 Page - C&K Components

No de pièce ZMA-150L30EC
Description  Subminiature Snap-acting Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ZMA-150L30EC Fiches technique(HTML) 4 Page - C&K Components

  ZMA-150L30EC Datasheet HTML 1Page - C&K Components ZMA-150L30EC Datasheet HTML 2Page - C&K Components ZMA-150L30EC Datasheet HTML 3Page - C&K Components ZMA-150L30EC Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
E
E–35
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
TERMINATIONS
ZMA Series
Subminiature Snap-acting Switches
CODE
OPER. FORCE
MAX. (GRAMS)
REL. FORCE
MIN. (GRAMS)
'A'
FP MAX.
(MM)
'B'
OP MAX.
(MM)
'C'
PT MAX.
(MM)
'D'
OT MIN.
(MM)
'E'
MIN.
(MM)
P00
80
1502135
7.35
6.9±0.30.620.2
S03
25
43
57
14.2
9.8±0.93.5
0.75.41
L30 (80gf)
13
21
23
16.8
9.5±1.9
6.90.5520.15
L11
25
39
46
11.7
8.68±14.4
0.6
7.33
L08
27
48
38
13.5
10.75±0.8
3.50.3
3.82
A03
34
65
61016.55
13.65±13.9
0.5
0.56
L04
30
50
58
10.1
7.9±0.83.0
0.53.49
S06
33
49
51112.43
10.7 ±0.8
1.43
1.25
1.97
S07
40
65
25
13.0
9.7± 14.3
0.5
0.49
'D'
'C'
E
'A'
'B'
L30 (150 gf)
13
21
23
16.8
9.75 ±1.9
6.9
0.55
20.15
SWITCH CHARACTERISTICS
R  RIGHT FOOTED, PC THRU-HOLE
L  LEFT FOOTED, PC THRU-HOLE
P  PC THRU-HOLE
.035 TYP.
(0,9)
.071
(1,8)
.122
(3,1)
.035 TYP.
(0,9)
.071
(1,8)
.122
(3,1)
.02
(0,4)
.138
(3,5)
TYP.
.035
(0,9)
E  SOLDER
.035
(0,6)
.200
(5,08)
.086
(2,2)
.040
(1,2)
.138
(3,5)
.073
(1,85)
.052
(1,32)
COM
N.C.
N.O.
.200
(5,08)
.02
(0.4)
.043
(1.10)
K  PC THRU-HOLE WITH RETENTION FEATURE



Html Pages

1 2 3 4