| Moteur de recherche de fiches techniques de composants électroniques |
|
ZM-CJT23-R Fiches technique(PDF) 3 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
ZM-CJT23-R Fiches technique(HTML) 3 Page - C&K Components |
|
3 / 3 page ![]() OP FP 8.35 FP OP 14 FP OP 15.65 ACTUATOR OPTION CODE A (mm) B Ref (mm) C (mm) D (mm) E (mm) DIFF. MOTION mm MAX OPER. FORCE grams MAX RELEASED FORCE Grams MAX OVER TRAVEL MIN LENGTH OF LEVER LEVER LENGTH MTG. HOLE TO OP PRE- TRAVEL MAX OPERATING POSITION FREE POSITION MAX CJ CH P0 PIN PLUNGERNANA 1.3 7.0 0.3 8.0 0.3 1509015-20 0.2 L0 LEAF 13.0 4.03 3.4 8.4 0.8 11.0 1.3 50 -8 0.6 L3 LEAF 13.0 4.03 3.4 8.4 0.8 11.0 1.3 -305 0.6 T13 SIMULATED ROLLER 15.0 5.36 3.8 10.5 0.813.0 1.5 40 -7 0.6 T23 SIMULATED ROLLER 15.0 5.36 3.8 10.5 0.813.0 1.5 -254 0.6 ZM Series Mini Size Snap-acting Switches .02 (0.4) .043 (1.10) .035 TYP. (0,9) .071 (1,8) .122 (3,1) .035 TYP. (0,9) .071 (1,8) .122 (3,1) .02 (0,4) .138 (3,5) TYP. .035 (0,9) TERMINATIONS ACTUATOR K PC THRU-HOLE WITH RETENTION FEATURE R RIGHT FOOTED, PC THRU-HOLE L LEFT FOOTED, PC THRU-HOLE T (STD.) PC THRU-HOLE T13 SIMULATED ROLLER, 40 GRAMS (CJ ONLY) T23 SIMULATED ROLLER, 25 GRAMS (CH ONLY) L0 LEAF, 50 GRAMS (CJ ONLY) L3 LEAF, 30 GRAMS (CH ONLY) P0 PIN PLUNGER J J–17 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ckswitches.com 31 May 21 |