Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP02 Fiches technique(PDF) 2 Page - C&K Components

No de pièce SP02
Description  Single In-line Package Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SP02 Fiches technique(HTML) 2 Page - C&K Components

  SP02 Datasheet HTML 1Page - C&K Components SP02 Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-19
I
1
2345
678
.100
(2,54)
.035
(0,9)
.125
(3,2)
.196
(4,98)
.114
(2,89
.066
(1,7)
.086
(2,2)
.083
(2,1)
.098
(2,5)
.268
(6,81)
DIM 'C'
.020
(0,5)
.065
(1,65)
.030
(0,75)
Ø.016
(0.4)
.200
(5,08) .236/.252
(6,0/6,4)
.181
(4,6)
.020 RAD.
(0,5)
.067
(1,7)
Ø.032 TYP.
(0,8)
DIM 'B'
DIM 'B'
DIM 'B'
DIM 'A'
.100
(2,54)
.100
(2,54)
.200
(5,08)
.020
C&K SP Series
Single In-line Package Switches
PART TIN
QUANTITY
LEAD #
NO.POS.
DIM. ‘A’
DIM. ‘B’
DIM. ‘C’
PER TUBE
SP02A
2
.298 (7,58)
.200 (5,08)
.338 (8,58)
50
SP04A
4
.498 (12,66)
.400 (10,16)
.538 (13,66)
35
SP06A
6
.698 (17,74)
.600 (15,24)
.738 (18,74)
25
SP08A
8
.898 (22,82)
.800 (20,32)
.938 (23,82)
20
SP10A
10
1.098 (27,9)
1.000 (25,40)
1.138 (28,9)
15
Schematic
SPST
SP08A
Right Angle
SP02AB
SP04AB
SP06AB
SP08AB
SP10AB
ROHS
PART #



Html Pages

1 2