Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS04 Fiches technique(PDF) 4 Page - CUI INC

No de pièce PS04
Description  PRESSURE SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUI [CUI INC]
Site Internet  http://www.cui.com
Logo CUI - CUI INC

PS04 Fiches technique(HTML) 4 Page - CUI INC

  PS04_V01 Datasheet HTML 1Page - CUI INC PS04_V01 Datasheet HTML 2Page - CUI INC PS04_V01 Datasheet HTML 3Page - CUI INC PS04_V01 Datasheet HTML 4Page - CUI INC PS04_V01 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cuidevices.com
CUI Devices
│ SERIES: PS04 │ DESCRIPTION: PRESSURE SENSOR
date 12/09/2021
│ page 4 of 5
USAGE CONSIDERATIONS
1. Do not touch the diaphragm with hard objects, which may cause damage to the diaphragm.
2. Strictly follow the wiring method, otherwise it may cause product damage or other potential faults.
3. Misuse of the product may cause danger or personal injury.
4. Pressure range can be selected higher or lower than actual conditions, but should be within ±30%FS.
5. Pressure reference consists of gauge pressure, absolute pressure, and sealed gauge pressure.
a. Gauge pressure is based on the current atmospheric pressure. Generally, it refers to the measurement of pressure
which is greater than the current atmospheric pressure. Negative pressure is a special case of gauge pressure.
It refers that there is such working condition that the pressure of work site is lower than the current atmospheric
pressure.
b. Absolute pressure is based on vacuum.
c. Sealed gauge pressure uses absolute pressure die for gauge pressure product based on the atmospheric pressure
of production site.
6. Confirm the maximum overload of the applied system, which should be less than the overload protection limit of the
sensor, otherwise it will affect the product life or even damage the product.
7. The material and process for manufacturing negative pressure sensors are different from those of positive pressure
sensors. So, gauge pressure sensors cannot be used as substitue of negative pressure sensors.
Additional Resources: Product Page



Html Pages

1 2 3 4 5