Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLPD101S Fiches technique(PDF) 5 Page - Rectron Semiconductor

No de pièce SLPD101S
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Amperes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SLPD101S Fiches technique(HTML) 5 Page - Rectron Semiconductor

  SLPD101S Datasheet HTML 1Page - Rectron Semiconductor SLPD101S Datasheet HTML 2Page - Rectron Semiconductor SLPD101S Datasheet HTML 3Page - Rectron Semiconductor SLPD101S Datasheet HTML 4Page - Rectron Semiconductor SLPD101S Datasheet HTML 5Page - Rectron Semiconductor SLPD101S Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGING OF DIODE AND BRIDGE RECTIFIERS
REEL PACK
PACKAGE
GROSS
WEIGHT(Kg)
EA PER
REEL
BOX SIZE
TAPE SPACE
(mm)
CARTON SIZE
(mm)
(mm)
EA PER
CARTON
REEL DIA
SLPDS
---
430*300*310
80,000
---
-T
PACKING
CODE
(mm)
EA PER
BOX
INNER
8,000
282*282*37
---
4,000



Html Pages

1 2 3 4 5 6