Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SF65 Fiches technique(PDF) 5 Page - Rectron Semiconductor

No de pièce SF65
Description  GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 6.0 Amperes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SF65 Fiches technique(HTML) 5 Page - Rectron Semiconductor

  SF65 Datasheet HTML 1Page - Rectron Semiconductor SF65 Datasheet HTML 2Page - Rectron Semiconductor SF65 Datasheet HTML 3Page - Rectron Semiconductor SF65 Datasheet HTML 4Page - Rectron Semiconductor SF65 Datasheet HTML 5Page - Rectron Semiconductor SF65 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGING OF DIODE AND BRIDGE RECTIFIERS
AMMO PACK
PACKAGE
PACKING
CODE
REEL
( EA )
COMPONENT
SPACE(mm)
(mm)
(mm)
TAPE SPACE
BOX SIZE
CARTON
SIZE(mm)
CARTON
( EA )
GROSS
WEIGHT (Kg)
DO-201
-F
600
9.5
52
255*73*100 400*268*225
6,000
9.9
BULK PACK
PACKAGE
DO-201
EA PER BOX
INNER BOX SIZE
(mm)
CARTON SIZE
(mm)
EA PER CARTON
GROSS
WEIGHT(Kg)
500
300*73*40
347*320*271
12,000
15.9
PACKING CODE
-B
REEL PACK
PACKAGE
GROSS
WEIGHT(Kg)
EA PER
REEL
COMPONENT
SPACE
TAPE SPACE
(mm)
CARTON SIZE
(mm)
(mm)
EA PER
CARTON
REEL DIA
DO-201
1,200
5.0
52
330
355*350*335
4,800
-T
PACKING
CODE
(mm)
EA PER
BOX
1,200
INNER
9.10



Html Pages

1 2 3 4 5 6