Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTM2885 Fiches technique(PDF) 21 Page - Analog Devices

No de pièce LTM2885
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

LTM2885 Fiches technique(HTML) 21 Page - Analog Devices

Back Button LTM2885 Datasheet HTML 17Page - Analog Devices LTM2885 Datasheet HTML 18Page - Analog Devices LTM2885 Datasheet HTML 19Page - Analog Devices LTM2885 Datasheet HTML 20Page - Analog Devices LTM2885 Datasheet HTML 21Page - Analog Devices LTM2885 Datasheet HTML 22Page - Analog Devices LTM2885 Datasheet HTML 23Page - Analog Devices LTM2885 Datasheet HTML 24Page - Analog Devices LTM2885 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTM2810
21
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Table 3. Unidirectional SPI Timing Event Description
TIME
CPHA
EVENT DESCRIPTION
t0
0, 1
Asynchronous chip select, may be synchronous to SDI but may not lag by more than 3ns.
t0, t1
0, 1
Propagation delay chip select, logic to isolated side.
t2
0
Start of data transmission, data setup.
1
Start of transmission, data and clock setup. Data transition must be within –13ns to 3ns of clock edge.
t2, t3
0
Propagation delay of data, logic side to isolated side.
1
Propagation delay of data and clock, logic side to isolated side.
t3
0, 1
Logic side data sample time, half clock period delay from data setup transition.
t3 to t5
0, 1
Clock propagation delay, clock and data transition.
t4, t5
0, 1
Data to clock delay, must be ≤ 13ns.
t5, t6
0, 1
Clock to data delay, must be ≤ 3ns.
t5 to t7
0, 1
Data and clock propagation delay.
t8
0
Last clock and data transition.
1
Last clock transition.
t8, t9
0
Clock and data propagation delay.
1
Clock propagation delay.
t9, t10
1
Data propagation delay.
t11
0, 1
Asynchronous chip select transition, end of transmission.
t12
0, 1
Chip select transition isolated side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30