Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RBU2002M Fiches technique(PDF) 4 Page - Rectron Semiconductor

No de pièce RBU2002M
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 20 Amperes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RBU2002M Fiches technique(HTML) 4 Page - Rectron Semiconductor

  RBU2002M Datasheet HTML 1Page - Rectron Semiconductor RBU2002M Datasheet HTML 2Page - Rectron Semiconductor RBU2002M Datasheet HTML 3Page - Rectron Semiconductor RBU2002M Datasheet HTML 4Page - Rectron Semiconductor RBU2002M Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PACKAGING OF DIODE AND BRIDGE RECTIFIERS
TUBE PACK
PACKAGE
EA PER BOX
INNER BOX SIZE
(mm)
CARTON SIZE
(mm)
EA PER CARTON
WEIGHT(Kg)
PACKING CODE
RBU
-C
1,000
2,000
13.62
490*135*110
510*293*131



Html Pages

1 2 3 4 5