Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP508 Fiches technique(PDF) 4 Page - Rectron Semiconductor

No de pièce MP508
Description  VOLTAGE RANGE 50 to 1000 Volts CURRENT 50 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MP508 Fiches technique(HTML) 4 Page - Rectron Semiconductor

  MP508 Datasheet HTML 1Page - Rectron Semiconductor MP508 Datasheet HTML 2Page - Rectron Semiconductor MP508 Datasheet HTML 3Page - Rectron Semiconductor MP508 Datasheet HTML 4Page - Rectron Semiconductor MP508 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PACKAGING OF DIODE AND BRIDGE RECTIFIERS
BULK PACK
PACKAGE
EA PER BOX
INNER BOX SIZE
(mm)
CARTON SIZE
(mm)
EA PER CARTON
GROSS
WEIGHT(Kg)
50
206*208*45.5
450*220*255
500
9.6
PACKING CODE
-B
MP-40/-50



Html Pages

1 2 3 4 5