Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP501 Fiches technique(PDF) 3 Page - Rectron Semiconductor

No de pièce MP501
Description  VOLTAGE RANGE 50 to 1000 Volts CURRENT 50 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MP501 Fiches technique(HTML) 3 Page - Rectron Semiconductor

  MP501 Datasheet HTML 1Page - Rectron Semiconductor MP501 Datasheet HTML 2Page - Rectron Semiconductor MP501 Datasheet HTML 3Page - Rectron Semiconductor MP501 Datasheet HTML 4Page - Rectron Semiconductor MP501 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RECTRON
Attachment information about MP50X
1.
Internal Circuit
2. Marking on the body
+
AC
M P 5 0 X
Voltage-code
05-------50V
6-------600V
1-------100V
8-------800V
2-------200V
10-----1000V
4-------400V
Part No.
Rectron Logo
Plant - code
3. Items marked on the inner box and carton
3.1 On the box (for –B)
CUSTOMER
TYPE
LOT NO.
QUANTITY
Q.A.
DATE
3.2 On the carton
CUSTOMER
TYPE
QUANTITY
LOT NO.
REMARK
V Y W W
Year – code:
(Y:Last digit of year &
A:2010,B:2011......)
Week – code:
(WW:01~52)



Html Pages

1 2 3 4 5