| Moteur de recherche de fiches techniques de composants électroniques |
|
DM54LS366A Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM54LS366A Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6428 September 1991 DM54LS366ADM74LS366A Hex TRI-STATE Inverting Buffer General Description This device contains six independent gates each of which performs an inverting buffer function The outputs have the TRI-STATE feature When enabled the outputs exhibit the low impedance characteristics of a standard LS output with additional drive capability to permit the driving of bus lines without external resistors When disabled both the output transistors are turned off presenting a high-impedance state to the bus line Thus the output will act neither as a signifi- cant load nor as a driver To minimize the possibility that two outputs will attempt to take a common bus to opposite logic levels the disable time is shorter than the enable time of the outputs Connection Diagram Dual-In-Line Package TLF6428 – 1 Order Number DM54LS366AJ DM54LS366AW DM54LS366AE DM74LS366AM or DM74LS366AN See NS Package Number E20A J16A M16A N16E or W16A Function Table Y e A Inputs Output G1G2A Y H X X Hi-Z X H X Hi-Z LL L H LL H L H e High Logic Level L e Low Logic Level X e Either Low or High Logic Level Hi-Z e TRI-STATE (Outputs are disabled) TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - DM54LS366A |
|
Description similaire - DM54LS366A |