Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCC0CLE Fiches technique(PDF) 2 Page - Balluff Korea Ltd.

No de pièce BCC0CLE
Description  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0CLE Fiches technique(HTML) 2 Page - Balluff Korea Ltd.

  BCC0CLE Datasheet HTML 1Page - Balluff Korea Ltd. BCC0CLE Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Single-Ended Cordsets
BCC M425-0000-1A-009-PX44T2-020
Order Code: BCC0CLE
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 224574
ETIM 6.0: EC001855
BCC0CLE_0.74_2022-06-12
2 / 2
Remarks
Bulk cable approval per UL+CSA, UL-AWM Style 21198 or 20549
Halogen-free per DIN VDE 0472 Part 815
Flame resistance acc. to FT1
Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece.
Connector Drawings
PIN 1: brown
PIN 2: white
PIN 3: blue
PIN 4: black
Wiring Diagrams
1) Green LED = Power
2) Yellow LED = Function



Html Pages

1 2