| Moteur de recherche de fiches techniques de composants électroniques |
|
VSC8021 Fiches technique(PDF) 5 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8021 Fiches technique(HTML) 5 Page - Vitesse Semiconductor Corporation |
|
5 / 17 page ![]() A1 A1 D1 (D1N) D2 (D2N) D3 (D3N) D4 (D4N) D5 (D5N) D6 (D6N) D7 (D7N) D8 (D8N) t PFP A2 A2 A2 Data Data Data Data Valid Data Valid Data Valid Data Valid Data Valid Data Valid Data Valid Data Valid Data Valid Data Valid Data Valid Data Valid Data Valid Data Valid Data Valid Data Valid Data FP Parallel Data• Output Summary t DFP t C A1 A1 A1 A2 A2 A2 DATA t OOFN t OOFNPW SONET STS-3 Framing Sequence DATA DATA DATA DATA t BD Resynch BYCKO t D CLKI (CLKIN) OOFN DI (DIN) BYCKO (BYCKON) High speed differential clock input Frame recovery clock input High speed serial data inputs Frame detection confirm output Byte clock output (1) 1) Negative edge is active edge. 2) The parallel data outputs only begin showing valid data after the last A2 of the SONET framing sequence. The example waveforms shown above use an STS-3 framing sequence for convenience, thus valid data is output after the third A2 in the sequence. = Don’t care. NOTES: (2) |