| Moteur de recherche de fiches techniques de composants électroniques |
|
ATS-6382575HM Fiches technique(PDF) 3 Page - Molex Electronics Ltd. |
|
|
|||||||||||||||||||||||||||||
ATS-6382575HM Fiches technique(HTML) 3 Page - Molex Electronics Ltd. |
|
3 / 8 page ![]() Tool Kit for 250 Slip-in Receptacle Terminals Doc No: ATS-6382575HM Release Date: 05-17-13 UNCONTROLLED COPY Page 3 of 8 Revision:A Revision Date: 05-17-13 Figure 4 WIRE IN TERMINAL JAWS PARTIALLY CLOSED WIRE AGAINST WIRE STOP HANDLE OPEN LOCATOR CLOSED Figure 3 TERMINAL PUSH HERE TO OPEN WIRE STOP Anvils and Punches Installation 1. Insert the Anvils into the bottom slots of the nest. Install the M4 x 10 long BHCS and tighten in place. 2. Insert the Punches into the top slots of the nest. Install the M4 x 18 long BHCS and tighten in place. See Figure 1. Locator Installation and Removal Follow the steps below to install or replace the locator. See Figure 2. To install the locator 1. Position the locator with the hole over the brass pivot shaft and snap it into place. To remove the locator 1. Open the crimp hand tool. 2. Swing the existing locator open and away from the hand tool. 3. Firmly press down on the brass pivot shaft with your thumb, while pulling the locator up. Slip the locator off the top of the brass pivot shaft. OPERATION Open the tool by squeezing the handles together, at the end of the closing stroke, the ratchet mechanism will release the handles, and the hand tool will spring open. Crimping Terminals 1. Select the desired terminal listed in the preceding charts. 2. Some terminals with large insulation grips may interfere with the crimp tooling when swinging the locator into position. This terminal must then be loaded into the locator in the closed/crimp position. See Figure 3. 3. Press down on the wire stop on the locator as shown in Figure1. Insert the proper terminal into the proper nest opening. Make sure when choosing the nest opening, it will correspond with the A, B or C profile on the hand tool. Figure 5 WIRE INSULATION PUNCH CONDUCTOR ANVIL LOCATOR INSULATION ANVIL WIRES AGAINST LOCATOR STOP CONDUCTOR PUNCH TERMINAL |