Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSC8540XMVRT-E Fiches technique(PDF) 78 Page - Microchip Technology

No de pièce VSC8540XMVRT-E
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-E Fiches technique(HTML) 78 Page - Microchip Technology

Back Button VSC8540XMVRT-E Datasheet HTML 74Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 75Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 76Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 77Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 78Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 79Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 80Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 81Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 87 page
background image
VSC8540RT
DS60001603E-page 78
2022 Microchip Technology Inc. and its subsidiaries
9.0
PACKAGE INFORMATION
The following sections discuss package related information.
9.1
68-Pin Plastic Very Small Quad Flat No-leads
The package is a lead-free (Pb-free), 68-pin, plastic very small quad flat no-lead (VQFN) package with an exposed pad,
8 mm × 8 mm body size, 0.4 mm pin pitch, and 0.9 mm maximum height. The plastic mold compound is screened to be
low Alpha.
It complies with the temperatures and profiles defined in the joint IPC and JEDEC standard IPC/JEDEC J-STD-020. For
more information, see the IPC and JEDEC standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87