Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB5742BT-I/2G Fiches technique(PDF) 30 Page - Microchip Technology

No de pièce USB5742BT-I/2G
Description  2-Port SS/HS USB Controller Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742BT-I/2G Fiches technique(HTML) 30 Page - Microchip Technology

Back Button USB5742BT-I/2G Datasheet HTML 26Page - Microchip Technology USB5742BT-I/2G Datasheet HTML 27Page - Microchip Technology USB5742BT-I/2G Datasheet HTML 28Page - Microchip Technology USB5742BT-I/2G Datasheet HTML 29Page - Microchip Technology USB5742BT-I/2G Datasheet HTML 30Page - Microchip Technology USB5742BT-I/2G Datasheet HTML 31Page - Microchip Technology USB5742BT-I/2G Datasheet HTML 32Page - Microchip Technology USB5742BT-I/2G Datasheet HTML 33Page - Microchip Technology USB5742BT-I/2G Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
USB5742B
DS00002016H-page 30
 2022 Microchip Technology Inc. and its subsidiaries
9.0
COMPLIANCE UPDATE
In order to be USB-IF certified (TID 330000076), the USB5742B supports the USB 3.2 Engineering Change Notices
(ECNs) included in the Universal Serial Bus Revision 3.2 Specification. This allows the latest revision of the USB5742B
to be certified in compliance with USB-IF logo testing for the new USB Type-C® industry initiative. The following com-
pliance updates are supported:
• Pending Header Packet (HP) Timer (TD7.9, TD7.11, TD7.26)
• Power Management (PM) Timer (TD7.18, TD7.20, TD7.23)
• Unacknowledged Connect and Remote Wake Test Failure (TD10.25)
These USB 3.2 ECNs can be found as part of the Universal Serial Bus Revision 3.2 Specification zip file, which can be
downloaded from the USB developers website (http://www.usb.org/developers/docs/).
9.1
Pending Header Packet (HP) Timer (TD7.9, TD7.11, TD7.26)
A turn around time is defined between the communication of a Host and Device (Link Partners) for an acknowledgment
of a USB connection. The time is budgeted between a number of steps (Transmit/Receive data path of the initiator, the
delay in the cable, and the response time of the responder). If the time is exceeded, no USB communication is initiated.
The ECN calls to relax the timing from 3us to 10us at the link and PHY layers to allow for an extended propagation delay
to account for the usage of active cables and retimers in new SuperSpeed Plus designs.
Impact to Legacy Systems:
• A new host with a retimer connected to an active cable AND a legacy device
• A legacy host connected to an active cable and a new device with or without a retimer
9.2
Power Management (PM) Timer (TD7.18, TD7.20, TD7.23)
There are three timers for link power management: PM_LC_TIMER, PM_ENTRY_TIMER, and Ux_EXIT_TIMER. The
PM_LC_TIMER is used for a port initiating an entry request to a low power link state. The PM_ENTRY_TIMER is used
for a port accepting the entry request to a low power link state. Ux_EXIT_TIMER is used for a port to initiate the exit
from U1 or U2 to a low power state.
The ECN calls to increase the maximum timeout values to accommodate for the new connectivity models with retimers
and active cables beyond the standard USB-IF transmission lengths.
Impact to Legacy Systems:
• No impact to USB 3.0 or early USB 3.2 ecosystems
9.3
Unacknowledged Connect and Remote Wake Test Failure (TD10.25)
If a USB3 port with a connected device is placed into Suspend and RemoteWake is set but the RemoteWake mask
(C_PORT_CONNECTION bit) has not been cleared, the USB3 hub will automatically issue a wake up signal to the host.
In legacy systems, if a USB3 port with a connected device was placed into Suspend and RemoteWake is set without
the mask bit being cleared, the USB3 hub would NOT issue a wake up signal to the host.
Impact to Legacy Systems:
• No impact – with the new implementation, a remote wake is automatically initiated if the mask bit is not set. In
older systems the remote wake may or may not have been executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48