| Moteur de recherche de fiches techniques de composants électroniques |
|
MIC4424-YN Fiches technique(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MIC4424-YN Fiches technique(HTML) 5 Page - Microchip Technology |
|
5 / 26 page ![]() 2022 Microchip Technology Inc. and its subsidiaries DS20006638A-page 5 MIC4423/4/5 Test Circuit FIGURE 1-1: Inverting Driver Switching Time. FIGURE 1-2: Non-Inverting Driver Switching Time. TEMPERATURE SPECIFICATIONS (Note 1) Parameters Sym. Min. Typ. Max. Units Conditions Temperature Ranges Storage Temperature Range TS –65 — +150 °C — Lead Temperature TA — — +300 °C — Package Thermal Resistances Thermal Resistance DIP JA — 130 — °C/W — Thermal Resistance DIP JC — 42 — — Thermal Resistance Wide-SOIC JA — 120 — — Thermal Resistance Wide-SOIC JC — 75 — — Thermal Resistance SOIC JA — 120 — — Thermal Resistance SOIC JC — 75 — — Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). tD1 90% 10% tF 10% 0V 5V tD2 tR VS OUTPUT INPUT 90% 0V tPW 0.5μs 2.5V tPW A B INA INB MIC4423 OUTA 1800pF VS = 18V 0.1μF 4.7μF OUTB 1800pF A B INA INB MIC4424 OUTA 1800pF VS = 18V 0.1μF 4.7μF OUTB 1800pF 90% 10% tR 10% 0V 5V tF V S OUTPUT INPUT 90% 0V tPW 0.5μs tD1 tD2 tPW 2.5V |