Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB5742B-I/2G Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce USB5742B-I/2G
Description  2-Port SS/HS USB Controller Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742B-I/2G Fiches technique(HTML) 9 Page - Microchip Technology

Back Button USB5742B-I/2G Datasheet HTML 5Page - Microchip Technology USB5742B-I/2G Datasheet HTML 6Page - Microchip Technology USB5742B-I/2G Datasheet HTML 7Page - Microchip Technology USB5742B-I/2G Datasheet HTML 8Page - Microchip Technology USB5742B-I/2G Datasheet HTML 9Page - Microchip Technology USB5742B-I/2G Datasheet HTML 10Page - Microchip Technology USB5742B-I/2G Datasheet HTML 11Page - Microchip Technology USB5742B-I/2G Datasheet HTML 12Page - Microchip Technology USB5742B-I/2G Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002016H-page 9
USB5742B
Table 3-1 details the package pin assignments in table format.
The pin reset state definitions are detailed in Table 3-2.
TABLE 3-1:
56-VQFN PIN ASSIGNMENTS
Pin
Num.
Pin Name
Reset
State
Pin
Num.
Pin Name
Reset
State
1
USB2DN_DP1/PRT_DIS_P1
PD-15k
29
NC
Z
2
USB2DN_DM1/PRT_DIS_M1
PD-15k
30
NC
Z
3
USB3DN_TXDP1
Z31
VDD33
A/P
4
USB3DN_TXDM1
Z32
GPIO20/GANG_PWR
PD-50k
5
VDD12
A/P
33
VDD12
A/P
6
USB3DN_RXDP1
Z34
GPIO19
PD-50k
7
USB3DN_RXDM1
Z35
PRT_CTL2
PD-50k
8
USB2DN_DP2/PRT_DIS_P2
PD-15k
36
PRT_CTL1
PD-50k
9
USB2DN_DM2/PRT_DIS_M2
PD-15k
37
VBUS_DET
Z
10
USB3DN_TXDP2
Z38
SPI_CLK/SMCLK
Z
11
USB3DN_TXDM2
Z39
SPI_DO/SMDAT
PD-50k
12
VDD12
A/P
40
SPI_DI/CFG_BC_EN
Z
13
USB3DN_RXDP2
Z41
SPI_CE_N/CFG_NON_REM
PU-50k
14
USB3DN_RXDM2
Z42
RESET_N
R
15
VDD12
A/P
43
VDD12
A/P
16
VDD33
A/P
44
VDD33
A/P
17
NC
Z45
USB2UP_DP
PD-1M
18
NC
Z46
USB2UP_DM
PD-1M
19
NC
Z47
USB3UP_TXDP
Z
20
NC
Z48
USB3UP_TXDM
Z
21
VDD12
A/P
49
VDD12
A/P
22
NC
Z50
USB3UP_RXDP
Z
23
NC
Z51
USB3UP_RXDM
Z
24
NC
Z52
ATEST
Z
25
NC
Z53
XTALO
A/P
26
NC
Z54
XTALI/CLK_IN
A/P
27
NC
Z55
VDD33
A/P
28
VDD12
A/P
56
RBIAS
A/P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48