Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SSL40V Fiches technique(PDF) 5 Page - Rectron Semiconductor

No de pièce 2SSL40V
Description  LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 2.0 Ampere
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2SSL40V Fiches technique(HTML) 5 Page - Rectron Semiconductor

  2SSL40V Datasheet HTML 1Page - Rectron Semiconductor 2SSL40V Datasheet HTML 2Page - Rectron Semiconductor 2SSL40V Datasheet HTML 3Page - Rectron Semiconductor 2SSL40V Datasheet HTML 4Page - Rectron Semiconductor 2SSL40V Datasheet HTML 5Page - Rectron Semiconductor 2SSL40V Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGING OF DIODE AND BRIDGE RECTIFIERS
REEL PACK
PACKAGE
GROSS
WEIGHT(Kg)
EA PER
REEL
COMPONENT
SPACE
TAPE SPACE
(mm)
CARTON SIZE
(mm)
(mm)
EA PER
CARTON
REEL DIA
SOD-123F/
SOD-123FL
3,000
---
---
178
390*205*31
120,000
6.964
-W
PACKING
CODE
(mm)
EA PER
BOX
15,000
INNER



Html Pages

1 2 3 4 5 6