Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC10F222EP Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce PIC10F222EP
Description  6-Pin, 8-Bit Flash Microcontrollers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222EP Fiches technique(HTML) 39 Page - Microchip Technology

Back Button PIC10F222EP Datasheet HTML 35Page - Microchip Technology PIC10F222EP Datasheet HTML 36Page - Microchip Technology PIC10F222EP Datasheet HTML 37Page - Microchip Technology PIC10F222EP Datasheet HTML 38Page - Microchip Technology PIC10F222EP Datasheet HTML 39Page - Microchip Technology PIC10F222EP Datasheet HTML 40Page - Microchip Technology PIC10F222EP Datasheet HTML 41Page - Microchip Technology PIC10F222EP Datasheet HTML 42Page - Microchip Technology PIC10F222EP Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41270B-page 37
PIC10F220/222
FIGURE 8-5:
TIME-OUT SEQUENCE ON POWER-UP (MCLR TIED TO VDD): SLOW VDD RISE
TIME
VDD
MCLR
Internal POR
DRT Time-out
Internal Reset
TDRT
V1
Note:
When VDD rises slowly, the TDRT time-out expires long before VDD has reached its final
value. In this example, the chip will reset properly if, and only if, V1
≥ VDD min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78