| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC10F206 Fiches technique(PDF) 72 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F206 Fiches technique(HTML) 72 Page - Microchip Technology |
|
72 / 86 page ![]() PIC10F200/202/204/206 DS41239B-page 70 Preliminary © 2005 Microchip Technology Inc. TABLE 12-4: CALIBRATED INTERNAL RC FREQUENCIES – PIC10F200/202/204/206 FIGURE 12-3: RESET, WATCHDOG TIMER AND DEVICE RESET TIMER TIMING – PIC10F200/202/204/206 AC CHARACTERISTICS Standard Operating Conditions (unless otherwise specified) Operating Temperature -40 °C ≤ TA ≤ +85°C (industrial), -40 °C ≤ TA ≤ +125°C (extended) Operating Voltage VDD range is described in Section 12.1 “DC Characteristics”. Param No. Sym Characteristic Freq Tolerance Min Typ† Max Units Conditions F10 FOSC Internal Calibrated INTOSC Frequency(1) ± 1% 7.92 4.00 8.08 MHz VDD and Temperature TBD ± 2% 7.84 4.00 8.16 MHz 2.5V ≤ VDD ≤ 5.5V Temperature TBD ± 5% 7.60 4.00 8.40 MHz 2.0V ≤ VDD ≤ 5.5V -40 °C ≤ TA ≤ +85°C (industrial) -40 °C ≤ TA ≤ +125°C (extended) Legend: TBD = To Be Determined. * These parameters are characterized but not tested. † Data in the Typical (“Typ”) column is at 5V, 25 °C unless otherwise stated. These parameters are for design guidance only and are not tested. Note 1: To ensure these oscillator frequency tolerances, VDD and VSS must be capacitively decoupled as close to the device as possible. 0.1 μF and 0.01 μF values in parallel are recommended. VDD MCLR Internal POR DRT Timeout(2) Internal Reset Watchdog Timer Reset 32 31 34 I/O pin(1) 32 32 34 30 Note 1: I/O pins must be taken out of High-Impedance mode by enabling the output drivers in software. 2: Runs on POR only. |