Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QLSP04WNU Fiches technique(PDF) 4 Page - Quelighting Corp

No de pièce QLSP04WNU
Description  This is the high power LED with reflector type. EMC 3030 Single color is a surface-mount LED which with heat sink to enhance operating performance.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  QUELIGHTING [Quelighting Corp]
Site Internet  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP04WNU Fiches technique(HTML) 4 Page - Quelighting Corp

  QLSP04WNU Datasheet HTML 1Page - Quelighting Corp QLSP04WNU Datasheet HTML 2Page - Quelighting Corp QLSP04WNU Datasheet HTML 3Page - Quelighting Corp QLSP04WNU Datasheet HTML 4Page - Quelighting Corp QLSP04WNU Datasheet HTML 5Page - Quelighting Corp QLSP04WNU Datasheet HTML 6Page - Quelighting Corp QLSP04WNU Datasheet HTML 7Page - Quelighting Corp QLSP04WNU Datasheet HTML 8Page - Quelighting Corp QLSP04WNU Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
3
QLSP04WXU V1.2
Recommended Metal Solder Stencil Aperture:
*
All dimensions are in millimeters.
* The LEDs is designed to be reflow soldered on to a PCB. IF dip soldered that QL cannot guarantee its
reliability.
* Reflow soldering must not be performed more than twice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17