Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCC0APT Fiches technique(PDF) 1 Page - Balluff Korea Ltd.

No de pièce BCC0APT
Description  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0APT Fiches technique(HTML) 1 Page - Balluff Korea Ltd.

  BCC0APT Datasheet HTML 1Page - Balluff Korea Ltd. BCC0APT Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single-Ended Cordsets
BCC S415-0000-1A-008-VX44T2-050
Order Code: BCC0APT
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 215372
ETIM 6.0: EC001855
BCC0APT_0.75_2022-06-12
1 / 2
Basic features
Approval/Conformity
CE
cULus
Ecolab
EAC
WEEE
Display/Operation
Function indicator (Pin 4)
LED yellow
Power indicator
Green LED
Electrical connection
Bending radius min., fixed cable
5 x D
Bending radius min., flexible cable
10 x D
Cable
PVC Yellow, 5 m, drag chain
compatible
Cable diameter D
5.00 mm ±0.15 mm
Cable, bending cycles min.
2 mil.
Conductor cross-section
22 AWG
Connection
M12x1-Female, Straight, 5-pin, A-
coded
Connector configuration
Straight
Number of conductors
4
Number of pins
5
System
Molded
Electrical data
Cable rated voltage AC max.
300 V
Cable rated voltage DC max.
300 V
Operating voltage Ub
30 VDC
Rated current (40 °C)
4.0 A
Environmental conditions
Cable temperature, drag chain
-5...60 °C
Cable temperature, fixed routing
-40...105 °C
Cable temperature, flexible routing
-5...105 °C
IP rating
IP67, IP68, IP69K
Interface
Switching output
PNP NO/NC antivalent
Material
Cable jacket, material
PVC
Material contact carrier
PUR
Material contacts
Bronze
Material cover nut
1.4404 stainless steel
Material grip
PUR
Mechanical data
Acceleration max., drag chain
5 m/s²
Cable jacket, color
Yellow
Cable length L
5.00 m
Cable properties
drag chain compatible
Horizontal travel permitted, drag
chain
5 m
Tightening torque pigtail
0.6 Nm
Traverse speed max., drag chain
200 m/min
Vertical travel permitted, drag chain
2 m


Numéro de pièce similaire - BCC0APT

FabricantNo de pièceFiches techniqueDescription
logo
Balluff Korea Ltd.
BCC0AP0 BALLUFF-BCC0AP0 Datasheet
96Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0AP1 BALLUFF-BCC0AP1 Datasheet
100Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0AP2 BALLUFF-BCC0AP2 Datasheet
100Kb / 2P
Double-Ended Cordsets
2023-04-17
BCC0AP3 BALLUFF-BCC0AP3 Datasheet
100Kb / 2P
Double-Ended Cordsets
2023-04-17
BCC0AP4 BALLUFF-BCC0AP4 Datasheet
100Kb / 2P
Double-Ended Cordsets
2024-02-28
More results

Description similaire - BCC0APT

FabricantNo de pièceFiches techniqueDescription
logo
Balluff Korea Ltd.
BCC02M6 BALLUFF-BCC02M6 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
BCC053U BALLUFF-BCC053U Datasheet
122Kb / 2P
Single-Ended Cordsets
0.79_2022-04-14
BCC06HN BALLUFF-BCC06HN Datasheet
107Kb / 2P
Single-Ended Cordsets
0.65_2022-04-13
BCC0727 BALLUFF-BCC0727 Datasheet
107Kb / 2P
Single-Ended Cordsets
1_2018-12-17
BCC09CP BALLUFF-BCC09CP Datasheet
163Kb / 2P
Single-Ended Cordsets
0.63_2022-04-14
BCC02N5 BALLUFF-BCC02N5 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.73_2022-01-17
BCC02NA BALLUFF-BCC02NA Datasheet
105Kb / 2P
Single-Ended Cordsets
0.34_2022-01-18
BCC02NK BALLUFF-BCC02NK Datasheet
99Kb / 2P
Single-Ended Cordsets
0.75_2022-01-17
BCC02NW BALLUFF-BCC02NW Datasheet
122Kb / 2P
Single-Ended Cordsets
1_2021-10-12
BCC032W BALLUFF-BCC032W Datasheet
107Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com