Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DB201LS Fiches technique(PDF) 5 Page - Rectron Semiconductor

No de pièce DB201LS
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DB201LS Fiches technique(HTML) 5 Page - Rectron Semiconductor

  DB201LS Datasheet HTML 1Page - Rectron Semiconductor DB201LS Datasheet HTML 2Page - Rectron Semiconductor DB201LS Datasheet HTML 3Page - Rectron Semiconductor DB201LS Datasheet HTML 4Page - Rectron Semiconductor DB201LS Datasheet HTML 5Page - Rectron Semiconductor DB201LS Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGING OF DIODE AND BRIDGE RECTIFIERS
BULK PACK
PACKAGE
DB-LS
EA PER BOX INNER BOX SIZE
(mm)
CARTON SIZE
(mm)
EA PER CARTON
WEIGHT(Kg)
4,000
450*140*84
464*305*283
24,000
16.45
PACKING CODE
-C
REEL PACK
PACKAGE
GROSS
WEIGHT(Kg)
EA PER
REEL
COMPONENT
SPACE
TAPE SPACE
(mm)
CARTON SIZE
(mm)
(mm)
EA PER
CARTON
REEL DIA
DB-LS
1,000
9.5
52
330
360*355*360
8,000
-T/W
PACKING
CODE
(mm)
EA PER
BOX
1,000
INNER
9.5



Html Pages

1 2 3 4 5 6