Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NT7963 Fiches technique(PDF) 2 Page - Neotec Semiconductor Ltd.

No de pièce NT7963
Description  LCD Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEOTEC [Neotec Semiconductor Ltd.]
Site Internet  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.

NT7963 Fiches technique(HTML) 2 Page - Neotec Semiconductor Ltd.

  NT7963 Datasheet HTML 1Page - Neotec Semiconductor Ltd. NT7963 Datasheet HTML 2Page - Neotec Semiconductor Ltd. NT7963 Datasheet HTML 3Page - Neotec Semiconductor Ltd. NT7963 Datasheet HTML 4Page - Neotec Semiconductor Ltd. NT7963 Datasheet HTML 5Page - Neotec Semiconductor Ltd. NT7963 Datasheet HTML 6Page - Neotec Semiconductor Ltd. NT7963 Datasheet HTML 7Page - Neotec Semiconductor Ltd. NT7963 Datasheet HTML 8Page - Neotec Semiconductor Ltd. NT7963 Datasheet HTML 9Page - Neotec Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Neotec Semiconductor Ltd.
新 德 科 技 股 份 有 限 公 司
NT7963
LCD Controller
Neotec Semiconductor Ltd.
NT7963-DS_V1.0_20130717
www.neotec.com.tw
2/36
INTRODUCTION
The NT7963 is an LCD controller designed to be used with LCD control driver LSIs and data
display memories. The device has an 8-bit parallel data bus and control lines for reading or
writing through a MPU interface.
It has a 128 words character generator ROM which can control an external display RAM of up
to 64 Kbytes. Allocation of text, graphic and external character generator RAM can be made
easily and the display window can be moved freely within the allocated memory range.
The device supports a very board range of LCD formats be allowing selection of different
combinations via set of programmable inputs. It can be used in text, graphic and combination
text-and-graphic modes, and includes various attribute functions.
FEATURES
•Display format (pin-selectable)
Columns: 32, 40, 64, 80
Lines: 2, 4, 6, 8, 10, 12, 14, 16
The combination of number of columns and number of lines must not cause the frequency to
exceed 10 MHz.
•Character font (pin-selectable)
Horizontal dots: 5, 6, 7, 8
Vertical dots: 8 (fixed)
It is necessary to set a character font in Graphic mode just as in Text mode. The oscillation
frequency does not change with the font selection.
•Display duty: 1 / 16 to 1 / 128
•A 128
−word character generator ROM is built in as standard.
•External display memory: 64 KB max
The addresses in display memory of the text area, graphic area and external character
generator area are determined by software.
•Read or Write operations from the CPU do not disturb the display.
•A crystal oscillator circuit is built in. The oscillation frequency is adjusted according to the
display size. If using an external clock, use the XI pin as the clock input. (XO open.)
External capacitors
Crystal oscillation: 20 to 30 pF
Ceramic oscillation: 30 to 100 pF
Built in feedback resistor: 1M
Ω (typ.)
•NT7086 can be connected to the device.
•External display RAM must be static RAM. The NT7963 cannot refresh D-RAM.
•The attribute functions can only be used in Text mode. They cannot be used in Graphic or
Combination Character mode.
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com