| Moteur de recherche de fiches techniques de composants électroniques |
|
NT1663 Fiches technique(PDF) 6 Page - Neotec Semiconductor Ltd. |
|
|
|||||||||||||||||||||||||||||
NT1663 Fiches technique(HTML) 6 Page - Neotec Semiconductor Ltd. |
|
6 / 10 page ![]() NT1660/NT1662/NT1663 /NT1664 Series © Neotec Semiconductor Ltd., 6/10 NT166xA DS V1.04 www.neotec.com.tw The above information is the exclusive intellectual property of Neotec Semiconductor Ltd. and shall not be disclosed, distributed without permission from Neotec. (Continued) Pin No Symbol Pin description NT1660A NT1662A NT1663A NT1664A 4 18 1 1 V1 Cell BAT1 positive voltage and cell BAT2 negative voltage input pin. 5 19 2 2 V2 Cell BAT2 positive voltage and cell BAT3 negative voltage input pin. 6 20 3 3 V3 Cell BAT3 positive voltage and cell BAT4 negative voltage input pin. 7 1 4 4 V4 Cell BAT4 positive voltage and cell BAT5 negative voltage input pin. 8 2 5 5 V5 Cell BAT5 positive voltage and cell BAT6 negative voltage input pin. - 8 13 13 V6 Cell BAT6 positive voltage and cell BAT7 negative voltage input pin. - 9 14 14 V7 Cell BAT7 positive voltage and cell BAT8 negative voltage input pin. - 10 15 15 V8 Cell BAT8 positive voltage and cell BAT9 negative voltage input pin. - 11 16 16 V9 Cell BAT9 positive voltage and cell BAT10 negative voltage input pin. - 12 17 17 V10 Cell BAT10 positive voltage and cell BAT11 negative voltage input pin. - - 25 25 V11 Cell BAT11 positive voltage and cell BAT12 negative voltage input pin. - - 26 26 V12 Cell BAT12 positive voltage and cell BAT13 negative voltage input pin. - - 27 27 V13 Cell BAT13 positive voltage and cell BAT14 negative voltage input pin. - - 28 28 V14 Cell BAT14 positive voltage and cell BAT15 negative voltage input pin. - - 29 19 V15 Cell BAT15 positive voltage and cell BAT16 negative voltage input pin. - - - 37 V16 Cell BAT16 positive voltage and cell BAT17 negative voltage input pin. - - - 38 V17 Cell BAT17 positive voltage and cell BAT18 negative voltage input pin. - - - 39 V18 Cell BAT18 positive voltage and cell BAT19 negative voltage input pin. - - - 40 V19 Cell BAT19 positive voltage and cell BAT20 negative voltage input pin. - - - 41 V20 Cell BAT20 positive voltage. |