Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EK21 Fiches technique(PDF) 4 Page - Cirrus Logic

No de pièce EK21
Description  EVALUATION KIT FOR SA07 PIN-OUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APEX [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo APEX - Cirrus Logic

EK21 Fiches technique(HTML) 4 Page - Cirrus Logic

  EK21 Datasheet HTML 1Page - Cirrus Logic EK21 Datasheet HTML 2Page - Cirrus Logic EK21 Datasheet HTML 3Page - Cirrus Logic EK21 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
EK21U REV I JANUARY 2005 © 2005 Apex Microtechnology Corp.
HS11 HEATSINK NOTE
The HS11 Heatsink is provided in this evaluation kit to
guar-
antee adequate thermal design through heat removal from
the part under evaluation. Once maximum power dissipation
for the application is determined (refer to “General Operating
Considerations” and Application Note 11 in the APEX DATA
BOOK), the final mechanical design will probably require sub-
stantially less heatsinking.
APEX MICROTECHNOLOGY makes no representation that
the use or interconnection of the circuits described herein will not
infringe on existing or future patent rights, nor do the descriptions
contained herein imply the granting of licenses to make, use or
sell equipment constructed in accordance therewith.
EK21
EVALUATION KIT
FOR PA74 PIN-OUT
NOTES:Refer to the following sections of the APEX DATA BOOK as noted.
1. See Stability section of “General Operating Considerations.”
2. See “Gen. Operating Considerations,” and AN3 “Bridge Circuit Drives.”
3. See Power Supplies section of “General Operating Considerations.”
4. See “Parameter Definitions and Test Methods.”
5. See Amplifier Protection section of “Gen. Operating Considerations.”



Html Pages

1 2 3 4